Part Number Hot Search : 
DR210G C74HC40 E3000 12D12 TDA16846 V575PA 7805T 1202Z
Product Description
Full Text Search
 

To Download SUM110N04-03 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SUM110N04-03
Vishay Siliconix
N-Channel 40-V (D-S) 200_C MOSFET
FEATURES PRODUCT SUMMARY
V(BR)DSS (V)
40
rDS(on) (W)
0.0028 @ VGS = 10 V
ID (A)
110 a
D TrenchFETr Power MOSFET D 200_C Junction Temperature D New Package with Low Thermal Resistance
APPLICATIONS
D Automotive - ABS - 12-V EPS - Motor Drives
D
TO-263
G
G
DS S
Top View Ordering Information: SUM110N04-03N-Channel MOSFET
ABSOLUTE MAXIMUM RATINGS (TC = 25_C UNLESS OTHERWISE NOTED)
Parameter
Drain-Source Voltage Gate-Source Voltage Continuous Drain Current (TJ = 175_C) Pulsed Drain Current Avalanche Current Repetitive Avalanche Energyb Maximum Power Dissipationb L = 0.1 mH TC = 25_C TA = 25_C TC = 25_C TC = 125_C
Symbol
VDS VGS ID IDM IAR EAR PD TJ, Tstg
Limit
40 "20 110a 110a 440 70 211 437.5c 3.75 - 55 to 200
Unit
V
A
mJ W _C
Operating Junction and Storage Temperature Range
THERMAL RESISTANCE RATINGS
Parameter
Junction-to-Ambient Junction-to-Case (Drain) Notes a. Package limited. b. Duty cycle v 1%. c. See SOA curve for voltage derating. d. When mounted on 1" square PCB (FR-4 material). Document Number: 71745 S-31061--Rev. C, 26-May-03 www.vishay.com PCB Mountd
Symbol
RthJA RthJC
Limit
40 0.4
Unit
_C/W
1
SUM110N04-03
Vishay Siliconix
SPECIFICATIONS (TJ =25_C UNLESS OTHERWISE NOTED)
Parameter Static
Drain-Source Breakdown Voltage Gate-Threshold Voltage Gate-Body Leakage V(BR)DSS VGS(th) IGSS VDS = 0 V, ID = 250 mA VDS = VGS, ID = 250 mA VDS = 0 V, VGS = "20 V VDS = 40 V, VGS = 0 V Zero Gate Voltage Drain Current g IDSS VDS = 40 V, VGS = 0 V, TJ = 125_C VDS = 40 V, VGS = 0 V, TJ = 200_C On-State Drain Currenta ID(on) VDS w 5 V, VGS = 10 V VGS = 10 V, ID = 30 A Drain-Source On-State Resistancea rDS(on) VGS = 10 V, ID = 30 A, TJ = 125_C VGS = 10 V, ID = 30 A, TJ = 200_C Forward Transconductancea gfs VDS = 15 V, ID = 30 A 30 120 0.0023 0.0028 0.0045 0.0056 S W 40 V 2.5 4 100 1 50 10 nA mA mA A
Symbol
Test Condition
Min
Typ
Max
Unit
Dynamicb
Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Chargec Gate-Source Chargec Gate-Drain Chargec Ciss Coss Crss Qg Qgs Qgd td(on) tr td(off) tf VDD = 30 V, RL = 0.27 W ID ^ 110 A, VGEN = 10 V, RG = 2.5 W VDS = 30 V, VGS = 10 V, ID = 110 A , , VGS = 0 V, VDS = 25 V, f = 1 MHz 8250 1380 850 165 45 65 25 170 55 110 40 255 85 165 ns 250 nC pF
Turn-On Delay Timec Rise Timec Turn-Off Delay Timec Fall Timec
Source-Drain Diode Ratings and Characteristics (TC = 25_C)b
Continuous Current Pulsed Current Forward Voltagea Reverse Recovery Time Peak Reverse Recovery Current Reverse Recovery Charge IS ISM VSD trr IRM(REC) Qrr IF = 85 A, di/dt = 100 A/ms , m IF = 85 A, VGS = 0 V 1.1 60 3.0 0.09 110 240 1.5 90 5 0.22 A V ns A mC
Notes a. Pulse test; pulse width v 300 ms, duty cycle v 2%. b. Guaranteed by design, not subject to production testing. c. Independent of operating temperature.
www.vishay.com
2
Document Number: 71745 S-31061--Rev. C, 26-May-03
SUM110N04-03
Vishay Siliconix
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Output Characteristics
250 VGS = 10 thru 7 V 200 I D - Drain Current (A) 6V I D - Drain Current (A) 200 250
Transfer Characteristics
150
150
100
100 TC = 125_C 50 25_C - 55_C 0
50
5V 4V
0 0 2 4 6 8 10
0
1
2
3
4
5
6
7
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)
Transconductance
300 TC = - 55_C g fs - Transconductance (S) r DS(on) - On-Resistance ( W ) 250 25_C 0.005 0.006
On-Resistance vs. Drain Current
200
0.004
150
125_C
0.003
VGS = 10 V
100
0.002
50
0.001
0 0 20 40 60 80 100 120
0.000 0 20 40 60 80 100 120
ID - Drain Current (A)
ID - Drain Current (A)
Capacitance
12000 20
Gate Charge
V GS - Gate-to-Source Voltage (V)
10000 Ciss C - Capacitance (pF) 8000
16
VDS = 30 V ID = 85 A
12
6000
8
4000 Coss 2000 Crss 0 0 8 16 24 32 40
4
0 0 50 100 150 200 250 300
VDS - Drain-to-Source Voltage (V) Document Number: 71745 S-31061--Rev. C, 26-May-03
Qg - Total Gate Charge (nC) www.vishay.com
3
SUM110N04-03
Vishay Siliconix
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
On-Resistance vs. Junction Temperature
2.1 1.8 r DS(on) - On-Resistance (W) (Normalized) 1.5 1.2 0.9 0.6 0.3 0.0 - 50 - 25 1 0 VGS = 10 V ID = 30 A I S - Source Current (A) 100
Source-Drain Diode Forward Voltage
TJ = 150_C 10
TJ = 25_C
0
25
50
75
100 125 150 175 200
0.3
0.6
0.9
1.2
TJ - Junction Temperature (_C)
VSD - Source-to-Drain Voltage (V)
Avalanche Current vs. Time
1000 56
Drain Source Breakdown vs. Junction Temperature
100 I Dav (a) IAV (A) @ TA = 25_C 10 V (BR)DSS (V)
52
ID = 10 mA
48
IAV (A) @ TA = 150_C 1 44
0.1 0.00001 0.0001 0.001 0.01 0.1 1
40 - 50 - 25
0
25
50
75
100 125 150 175 200
tin (Sec)
TJ - Junction Temperature (_C)
www.vishay.com
4
Document Number: 71745 S-31061--Rev. C, 26-May-03
SUM110N04-03
Vishay Siliconix
THERMAL RATINGS
Maximum Avalanche and Drain Current vs. Case Temperature
120 1000 10 ms 100 I D - Drain Current (A) 80 I D - Drain Current (A) Limited by rDS(on) 10 100 ms 1 ms 10 ms 100 ms dc
Safe Operating Area
100
60
40
1 20
TC = 25_C Single Pulse
0 0 25 50 75 100 125 150 175 200
0.1 0.1 1 10 100
TC - Ambient Temperature (_C)
VDS - Drain-to-Source Voltage (V)
Normalized Thermal Transient Impedance, Junction-to-Case
2 1 Normalized Effective Transient Thermal Impedance
Duty Cycle = 0.5
0.2
0.1
0.1 0.05 0.02 Single Pulse
0.01 10 -4
10 -3
10 -2 Square Wave Pulse Duration (sec)
10 -1
1
Document Number: 71745 S-31061--Rev. C, 26-May-03
www.vishay.com
5


▲Up To Search▲   

 
Price & Availability of SUM110N04-03

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X